Part Number Hot Search : 
Z8400BC6 HA13128 M5117 D44C1 T2955 ISL88 58006 4049BP
Product Description
Full Text Search
 

To Download PDB-C601-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features description applications ? red enhanced ? photocondutctive ? high quantum efficiency symbol parameter min max units v br reverse voltage 75 v t stg storage temperature -40 +125 c t o operating temperature -40 +100 c t s soldering temperature* +224 c symbol characteristic test conditions min typ max units i sc short circuit current h = 100 fc, 2850 k 15 17 a i d dark current v r = 5 v 0.5 2 na r sh shunt resistance v r = 10 mv 60 150 m w c j junction capacitance v r = 5 v, f = 1 mhz 10 pf l range spectral application range spot scan 350 1100 nm v br breakdown voltage i = 10 a 25 50 v nep noise equivalent power v r = 0v @ l= peak 1x10 -14 w/ hz t r response time rl = 1k ? , v r = 5v 10 ns spectral response 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 1150 wavelength (nm) responsivity (a/w) solderable silicon photodiodes PDB-C601-1 package dimensions inch [ mm ] bare ship package the PDB-C601-1 is a silicon red enhanced solderable photodiode designed for low capacitance and hi g h s p eed for p hotoconductive a pp lications. ? optical encoder ? position sensor ? industrial controls ? instrumentation * 1/16 inch from case for 3 seconds max. electro - optical characteristics rating (ta) = 2 3 c unless otherwise noted **response time of 10% to 90% is specified at 660nm wavelength light. information in this technical datasheet is believed to be correct and reliable. however, no responsibility is assumed for possi ble inaccuracies or omission. specifications are subject to change without notice. advanced photonix inc. 1240 avenida acaso, camar illo ca 93012 ? phone (805) 987-0146 ? fax (805) 484-9935 ? www.advancedphotonix.com absolute maximum rating (ta) = 2 3 c unless otherwise noted chip dimensions inch [mm] chip dimensions inch [mm] solderable photodiode .014 [0.36] .021 [0.53] .030 [0.76] .125 [3.18] .074 [1.88] .022 [0.56] active area active area .040 [1.02]


▲Up To Search▲   

 
Price & Availability of PDB-C601-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X